Electronic Components Datasheet Search
  English  ▼

X  

TC74HC251AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC251AF
Description  8-Channel Multiplexer (3-state)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC251AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC251AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC251AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC251AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC251AP,TC74HC251AF
8-Channel Multiplexer (3-state)
The TC74HC251A is a high speed CMOS 8-CHANNEL
MULTIPLEXER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
One of eight date input signals (D0-D7) is selected by decoding
of the address input (A, B, C). The selected data appears on two
outputs; non-inverting (Y) and inverting (W). When the strobe
input is held high, both outputs are in the high-impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 15 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS251
Pin Assignment
TC74HC251AP
TC74HC251AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC251AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC251AF TOSHIBA-TC74HC251AF Datasheet
264Kb / 6P
8 CHANNEL MULTIPLEXER (3 STATE)
17-May-2001
More results

Similar Description - TC74HC251AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
8-input multiplexer 3-State
1991 Feb 08
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
8-input multiplexer; 3-state
December 1990
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
8-input multiplexer 3-State
1998 May 20
logo
STMicroelectronics
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
Apr-1993
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
8 CHANNEL MULTIPLEXER (3 STATE)
17-May-2001
logo
STMicroelectronics
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M74HC251 STMICROELECTRONICS-M74HC251 Datasheet
379Kb / 11P
8-CHANNEL MULTIPLEXER (3-STATE)
Jul-2001
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
8-input multiplexer; 3-state
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com