Electronic Components Datasheet Search
  English  ▼

X  

TC74HC259AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC259AP
Description  8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC259AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC259AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC259AP Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC259AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
30
8
7
75
15
13
⎯
⎯
⎯
95
19
16
ns
Propagation delay
time
(DATA-Q)
tpLH
tpHL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
56
18
15
130
26
22
⎯
⎯
⎯
165
33
28
ns
Propagation delay
time
(A, B, C-Q)
tpLH
tpHL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
83
25
21
185
37
31
⎯
⎯
⎯
230
46
39
ns
Propagation delay
time
(
G -Q)
tpLH
tpHL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
67
20
17
165
33
28
⎯
⎯
⎯
205
41
35
ns
Propagation delay
time
( CLEAR -Q)
tpHL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
52
16
14
135
27
23
⎯
⎯
⎯
170
34
29
ns
Input capacitance
CIN
⎯
⎯
5
10
⎯
10
pF
Power dissipation
capacitance
CPD
(Note)
⎯
⎯
35
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com