Electronic Components Datasheet Search
  English  ▼

X  

IPT60R024CM8 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IPT60R024CM8
Description  MOSFET 600V CoolMOS™ CM8 Power Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT60R024CM8 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IPT60R024CM8 Datasheet HTML 8Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 9Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 10Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 11Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 12Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 13Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 14Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 15Page - Infineon Technologies AG IPT60R024CM8 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
600V CoolMOS™ CM8 Power Transistor
IPT60R024CM8
Restricted
Datasheet
13
Revision 2.0
https://www.infineon.com
2024‑10‑30
Figure 2   Footprint drawing PG‑HSOF‑8, dimensions in mm
All dimensions are in units mm
copper
solder mask
stencil apertures
All pads are solder mask defined
Pin1
10.1
9.7
8.7
4.85
1.2
4.6
4.2
4.2
1.2
7×
0.7
8×
1.2
4.15
Ø1
42×
0.8
6×
0.8
2×
6.8
1.2
5×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com