Electronic Components Datasheet Search
  English  ▼

X  

TLP733 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP733
Description  Switching Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP733 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP733 Datasheet HTML 1Page - Toshiba Semiconductor TLP733 Datasheet HTML 2Page - Toshiba Semiconductor TLP733 Datasheet HTML 3Page - Toshiba Semiconductor TLP733 Datasheet HTML 4Page - Toshiba Semiconductor TLP733 Datasheet HTML 5Page - Toshiba Semiconductor TLP733 Datasheet HTML 6Page - Toshiba Semiconductor TLP733 Datasheet HTML 7Page - Toshiba Semiconductor TLP733 Datasheet HTML 8Page - Toshiba Semiconductor TLP733 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP733,TLP734
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired&Photo
−Transistor
TLP733, TLP734
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA TLP733 and TLP734 consist of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode in a six
lead plastic DIP.
TLP734 is no−base internal connection for high−EMI environments.
• Collector−emitter voltage: 55 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 1994
Certificate no. 7364
BS EN60950: 1992
Certificate no. 7365
• SEMKO approved: SS4330784
Certificate no. 9325163, 9522142
• Isolation voltage: 4000 Vrms (min.)
• Option (D4) type
VDE approved: DIN VDE0884 / 06.92,
Certificate no. 74286, 91808
Maximum operating insulation voltage: 630, 890 VPK
Highest permissible over voltage: 6000, 8000 VPK
(Note)
When a VDE0884 approved type is needed,
please designate the “Option (D4)”
7.62 mm pich
10.16 mm pich
standard type
TLP×××F type
• Creepage distance
: 7.0 mm (min.)
8.0 mm (min.)
Clearance
: 7.0 mm (min.)
8.0 mm (min.)
Internal creepage path : 4.0 mm (min.)
4.0 mm (min.)
Insulation thickness
: 0.5 mm (min.)
0.5 mm (min.)
Pin Configurations (top view)
1: Anode
2: Cathode
3: Nc
4: Emitter
5: Collector
6: Base
5
6
4
2
1
3
TLP733
1: Anode
2: Cathode
3: Nc
4: Emitter
5: Collector
6: Nc
5
6
4
2
1
3
TLP734
Unit in mm
TOSHIBA
11−7A8
Weight: 0.42 g


Similar Part No. - TLP733

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
186Kb / 2P
Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
137Kb / 2P
Office Machine Switching Power Supply
TLP733F TOSHIBA-TLP733F_07 Datasheet
186Kb / 2P
Switching Power Supply
More results

Similar Description - TLP733

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com