Electronic Components Datasheet Search
  English  ▼

X  

FGP-400 Datasheet(PDF) 1 Page - Same Sky Devices

Part # FGP-400
Description  FAN GUARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

FGP-400 Datasheet(HTML) 1 Page - Same Sky Devices

  FGP-400 Datasheet HTML 1Page - Same Sky Devices FGP-400 Datasheet HTML 2Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 09/12/2024
page 1 of 2
MODEL: FGP-400 | DESCRIPTION: FAN GUARD
sameskydevices.com
FEATURES
• 40.5 x 40.5 mm fan guard
• 32 mm pitch
• for use with 40 mm fan
MECHANICAL DRAWING
units: mm
tolerance: ±1.0 mm
unless otherwise noted
DESCRIPTION
MATERIAL
PLATING/COLOR
frame
PA-707 (UL94HB)
black
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - FGP-400

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FGP-4001-0501-2-0FF YAMAICHI-FGP-4001-0501-2-0FF Datasheet
85Kb / 1P
PC Board Transition Header (2 Rows)
More results

Similar Description - FGP-400

ManufacturerPart #DatasheetDescription
logo
CUI Devices
FG80-715 CUID-FG80-715 Datasheet
295Kb / 2P
FAN GUARD
08/05/2022
logo
CoolCox Limited All rig...
CCFG12CM COOLCOX-CCFG12CM Datasheet
374Kb / 1P
Fan Guard
CCFG18CM COOLCOX-CCFG18CM Datasheet
398Kb / 1P
Fan Guard
CCFG20CM COOLCOX-CCFG20CM Datasheet
446Kb / 1P
Fan Guard
CCFG4CM COOLCOX-CCFG4CM Datasheet
334Kb / 1P
Fan Guard
CCFG5CM COOLCOX-CCFG5CM Datasheet
399Kb / 1P
Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
Fan Guard
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
Fan Guard
CCFG9CM COOLCOX-CCFG9CM Datasheet
478Kb / 1P
Fan Guard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com