Electronic Components Datasheet Search
  English  ▼

X  

TC74HC299AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC299AF
Description  8-Bit PIPO Shift Register with Asynchronous Clear
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC299AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC299AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC74HC299AP/AF
2007-10-01
7
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
(QA to QH)
tTLH
tTHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
25
7
6
60
12
10
⎯
⎯
⎯
75
15
13
ns
Output transition time
(QA’, QH’)
tTLH
tTHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
30
8
7
75
15
13
⎯
⎯
⎯
95
19
16
ns
Propagation delay time
(CK-QA’, QH’)
tpLH
tpHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
85
23
18
170
34
29
⎯
⎯
⎯
215
43
37
ns
Propagation delay time
( CLR -QA’, QH’)
tpHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
85
24
18
175
35
30
⎯
⎯
⎯
220
44
37
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
80
21
17
160
32
27
⎯
⎯
⎯
200
40
34
Propagation delay time
(CK-QA to QH)
tpLH
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
100
26
21
200
40
34
⎯
⎯
⎯
250
50
43
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
85
24
18
190
38
30
⎯
⎯
⎯
240
48
38
Propagation delay time
( CLR -QA to QH)
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
105
29
22
230
46
36
⎯
⎯
⎯
90
58
46
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
60
17
13
130
26
22
⎯
⎯
⎯
165
33
28
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
⎯
⎯
⎯
78
23
17
170
34
29
⎯
⎯
⎯
215
43
36
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
⎯
⎯
⎯
54
19
16
150
30
26
⎯
⎯
⎯
190
38
33
ns
Maximum clock frequency
fmax
⎯
50
2.0
4.5
6.0
6
30
35
12
58
80
⎯
⎯
⎯
5
24
28
⎯
⎯
⎯
MHz
Input capacitance
CIN
⎯
⎯
5
10
⎯
10
pF
Output capacitance
COUT
⎯
⎯
13
⎯
⎯
⎯
pF
Power dissipation
capacitance
CPD
(Note)
⎯
⎯
170
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com