Electronic Components Datasheet Search
  English  ▼

X  

TLP722 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP722
Description  Photo−Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP722 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP722 Datasheet HTML 1Page - Toshiba Semiconductor TLP722 Datasheet HTML 2Page - Toshiba Semiconductor TLP722 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TLP722
2007-10-01
1
TOSHIBA Photocoupler Photo−Diode
TLP722
The TOSHIBA TLP722 consists of a photo−diode optically coupled to a
gallium arsenide infrared emitting diode in a four lead plastic DIP
(DIP4).
TLP722: Single circuit
• Cathode−anode voltage: 30V (max)
• Current transfer ratio: 0.1% (min)
• Input / output isolation voltage: 4000Vrms (min)
• Operating temperature range: −55~100°C
• Storage temperature range: −55~125°C
• UL recognized: UL1577, E67349
• VDE approved: EN60747-5-2
Maximum operating insulation voltage: 890VPK
Maximum permissible over voltage: 8000VPK
(Note): When an EN60747-5-2 approved type is needed,
please designate the “ Option (D4) ”
• SEMKO approved product: SS EN60950,
approved No. 9808324 / 01
• Construction mechanical rating
Unit in mm
TOSHIBA
11−5B2
Weight: 0.28 g
Pin Configuration
(top view)
TLP722 type
TLP722F type
Creepage distance
7.0 mm
8.0 mm
Clearance
7.0 mm
8.0 mm
Insulation thickness
0.4 mm
0.4 mm


Similar Part No. - TLP722

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP722 TOSHIBA-TLP722 Datasheet
126Kb / 3P
Photocoupler Photo-Diode
More results

Similar Description - TLP722

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
124Kb / 5P
TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
TLP590B TOSHIBA-TLP590B Datasheet
152Kb / 5P
GaAS As Ired & Photo−Diode Array
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
GaAs Ired & Photo−Triac
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
GaAs Ired & Photo−Thyristor
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
GaAs Ired & Photo−Triac
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP127 TOSHIBA-TLP127_07 Datasheet
176Kb / 8P
Photo−Transistor Programmable Controllers
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com