Electronic Components Datasheet Search
  English  ▼

X  

2000804 Datasheet(PDF) 2 Page - Theben AG

Part # 2000804
Description  Presence and motion detectors Wall installation indoor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG

2000804 Datasheet(HTML) 2 Page - Theben AG

  2000804 Datasheet HTML 1Page - Theben AG 2000804 Datasheet HTML 2Page - Theben AG 2000804 Datasheet HTML 3Page - Theben AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PresenceLight 180 SR
Item no.: 2000804
Subject to technical changes and misprints
additional information at:/product/2000804
The load data are determined with exemplary selected illuminants and are therefore typical data due to the large
number of available products.
Connection example
Detection range for planning applications at a temperature of 21 °C
Mounting height (A)
Walking (T)
Sitting (S)
2.2 m
100 m² | 8 m
25 m² | 7 m x 3.5 m
1/04/2025
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com