Electronic Components Datasheet Search
  English  ▼

X  

TLP716 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP716
Description  Plasma display panel High Speed Interface Factory Automation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor TLP716 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP716
2007-10-01
1
Unit in mm
Weight:0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11−5J1
TOSHIBA Photocoupler GaAℓAs IRED & Photo−IC
TLP716
Plasma display panel.
High Speed Interface.
Factory Automation .
The TOSHIBA TLP716 consists of a GaAℓAs light emitting diode
and a high speed photodetector. This unit is 6-lead SDIP. TLP716 is 50%
smaller than 8PIN DIP and has suited the safety standard reinforced insulation
class. So, mounting area in safety standard required equipment can be
reduced.
Inverter Logic (totempole output)
Package Type : SDIP6
Guaranteed Performance Over Temperature : −40~100°C
Power Supply Voltage : 4.5~5.5 V
Input Thresholds Current : IFHL=6.5 mA(max.)
Propagation delay Time (tpHL/ tpLH) : 75 ns(max.)
Switching speed : 15 MBd(typ.) (NRZ)
Common mode transient immunity : 10 kV/us(min.)
Isolation voltage : 5000 Vrms(min.)
UL Recognized :UL1577, File No.E67349
Option (D4)
TÜV Approved : EN60747−5−2
Maximum Operating Insulation Voltage : 890 VPK
Highest Permissible Over Voltage
: 8000 VPK
(Note):When a EN60747−5−2 approved type is needed,
Please designate “Option(D4)”
Construction Mechanical Rating
7.62 mm pitch
standard type
10.16 mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
VCC
GND
SHIELD
1
3
4
5
6
2
1:ANODE
2:N.C.
3:CATHODE
4:GND
5:Vo
6:Vcc
Pin Configuration (Top View)
0.1
μF bypass capacitor must be
connected between pins 6 and 4. (Note 4)
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2
Schematic


Similar Part No. - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
21-Oct-2003
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
Plasma display panel High Speed Interface Factory Automation
More results

Similar Description - TLP716

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
21-Dec-00
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
Plasma display panel High Speed Interface Factory Automation
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Vishay Siliconix
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
Plasma Panel Display Modules
05-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
17-Oct-07
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com