Electronic Components Datasheet Search
  English  ▼

X  

TC74HC368AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC368AF
Description  Hex Bus Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC368AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC368AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC368AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC367,368AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC367AP,TC74HC367AF,TC74HC367AFN
TC74HC368AP,TC74HC368AF,TC74HC368AFN
Hex Bus Buffer
TC74HC367AP/AF/AFN Non-Inverted
(3-state)
TC74HC368AP/AF/AFN Inverted (3-state)
The TC74HC367A and TC74HC368A are high speed CMOS
3-STATE BUS BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
They contain six buffers; four buffers are controlled by an
enable input ( 1
G ), and the other two buffers are controlled by
another enable input ( 2
G ). The outputs of each buffer group are
enabled when 1
G and/or 2
G inputs are held low; if held high,
these outputs are in a high impedance state.
The TC74HC367A is a non-inverting output type, while the
TC74HC368A is an inverting output type.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 11 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS367/368
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC367AP, TC74HC368AP
TC74HC367AF, TC74HC368AF
TC74HC367AFN, TC74HC368AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC368AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC368AF TOSHIBA-TC74HC368AF Datasheet
268Kb / 7P
HEX BUS BUFFER
17-May-2001
TC74HC368AFN TOSHIBA-TC74HC368AFN Datasheet
268Kb / 7P
HEX BUS BUFFER
17-May-2001
More results

Similar Description - TC74HC368AF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
HEX BUS BUFFER
17-May-2001
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
HEX BUS BUFFER
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
Hex Bus Buffer
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
HEX Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_07 Datasheet
268Kb / 11P
Hex Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
HEX BUS BUFFER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com