Electronic Components Datasheet Search
  English  ▼

X  

RF401A Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # RF401A
Description  900 MHz, 250 mW, Spread Spectrum Radios
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

RF401A Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  RF401A Datasheet HTML 1Page - Campbell Scientific United Kingdom RF401A Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2014, 2015
Campbell Scientific
October 2, 2015
Specifications
Type: Frequency Hopping Spread Spectrum (FHSS) Transceiver
RS-232 Baud Rate: 1200 bps to 115200 bps
Channel Capacity: 7 hop sequences share 25 frequencies
Frequency Hopping Patterns: 7 different selectable patterns
Frequency Control: Direct FM
Receiver Sensitivityc: -109 dBm
Operating Temperature Range
Standard: -25° to 50°C
Extended: -40° to 85°C
LEDs: Power on, TX, RX, diagnostics
Transmitter Power Output: 5 mW to 230 mW, software
configurable
Power: 9 to 16 Vdc
Average Current Drain
Transmit: < 80 mA (250 mW TX Power)
Receive: 15 mA
Stand-by: < 0.5 mA (depending on power saving mode)
Certifications
United States (FCC Part 15.247): MCQ-XB900HP
Industry Canada (IC): 1846A-XB900HP
RoHS compliant
C-TICK Australia: Yes, N3013 (RF411A only)
Antenna Connector: Reverse polarity SMA (RPSMA)
USB Type B Jack
RS-232 Connector: 9-pin D-sub female (4 wire: Tx, Rx, CTS, GND)
CS I/O Connector: 9-pin D-sub male
Power Connector: 2.5 mm DC power jack
Dimensionsd: 11.1 x 6.9 x 2.7 cm (4.4 x 2.7 x 1.1 in)
c
Campbell Scientific protocols will issue retries wherever a bit error occurs.
d
Dimension are from the tip of antenna connector to other side of case, and from the bottom of case to the top of DB9 connector jack screw. The width
includes the thickness of the screw heads on the screws that hold the case together.
System Components
Radios
A spread spectrum radio needs to be at both the base station
and field site. The chart below shows the spread spectrum radios
that each model can communicate with:
Model
Where Used
Frequency
Communicates With
RF401A
U.S., Canada
910 to 918 MHz
RF401A, RF401, RF400, RF430,
CR206(X), CR205, AVW206
RF411A
Australia,
New Zealand
920 to 928 MHz
RF411A, RF411, RF410, RF431,
CR211(X), CR210, AVW211
Powering the Radio
At the base station, the radio typically uses ac power that is either
supplied by the #15966 wall charger or through the PC via the USB
port and cable. At the field site, the radio is typically powered by
the datalogger through the CS I/O port. The #14291 Field Cable
can also be used to connect the radio to an appropriate 12 Vdc
power supply. This field cable is required when the radio is con-
nected to the datalogger’s RS-232 port instead of the CS I/O port
or when the datalogger was purchased before December 1997.
Antennas
Campbell Scientific offers a variety of antennas for this radio. The
following inexpensive, omnidirectional whip antennas connect
directly to the radio (no cable required) and can transmit short
distances (up to 1 mile).
14204 0 dBd, 1/2 wave with right-angle joint
15731 0 dBd, 1/4 wave with 5.1 cm (2 in) length
15730 0 dBd, 1/4 wave with right-angle joint
The 15970 dipole antenna includes adhesive for
window or wall mounting and a cable for connecting
to the radio.
Our higher gain #14221 omnidirectional and #14201
Yagi antennas require a cable to connect them to the
radio. The #31314 surge protector is available for sus-
ceptible to lightning or electrostatic buildup or when
the cable length needs to be longer than 3 m (10 ft), as
measured between the transceiver and the antenna.
80 Hathern Road, Shepshed, LE12 9GX, UK | +(0)15090 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com