Electronic Components Datasheet Search
  English  ▼

X  

HN7G10FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # HN7G10FE
Description  Power Management Switch Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN7G10FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  HN7G10FE Datasheet HTML 1Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 2Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 3Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 4Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 5Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 6Page - Toshiba Semiconductor HN7G10FE Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HN7G10FE
2007-11-01
2
Q1 (transistor) Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = 15 V, IE = 0
⎯
⎯
0.1
μA
Emitter cutoff current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
0.1
μA
DC current gain
hFE (Note 2) VCE = 2 V, IC = 10 mA
300
⎯
1000
VCE (sat) (1) IC = 10 mA, IB = 0.5 mA
⎯
15
30
Collector-emitter saturation voltage
VCE (sat) (2) IC = 200 mA, IB = 10 mA
⎯
110
250
mV
Base-emitter saturation voltage
VBE (sat)
IC = 200 mA, IB = 10 mA
⎯
0.87
1.2
V
Note 2: hFE classification A: 300~600, B: 500~1000
Q2 (MOSFET) Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = 10 V, VDS = 0
⎯
⎯
1
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 100 μA, VGS = 0
20
⎯
⎯
V
Drain cutoff current
IDSS
VDS = 20 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.7
⎯
1.3
V
Forward transfer admittance
⎪Yfs⎪
VDS = 3 V, ID = 10 mA
25
50
⎯
mS
Drain-source ON-resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
⎯
4
12
Ω
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
11.0
⎯
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
3.3
⎯
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
9.3
⎯
pF
Turn-on time
ton
VDD = 3 V, ID = 10 mA, VGS = 0~2.5 V
⎯
0.16
⎯
Switching time
Turn-off time
toff
VDD = 3 V, ID = 10 mA, VGS = 0~2.5 V
⎯
0.19
⎯
μs
Switching Time Test Circuit
ton
toff
(b) VIN
VGS
(c) VOUT
VDS
2.5 V
0
VDD
VDS (ON)
tr
tf
10%
90%
(a) Switching time test circuit
2.5 V
0
ID
IN
OUT
VDD
10
μS
VIN
VDD = 3 V
D.U. <= 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common source
Ta
= 25°C
90%
10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com