Electronic Components Datasheet Search
  English  ▼

X  

TLP701F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP701F
Description  Inverter for Air Conditioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP701F Datasheet HTML 1Page - Toshiba Semiconductor TLP701F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP701F
2007-10-01
1
Weight:0.26 g (t yp.)
TOSHIBA
11-5J101
Unit in mm
4.58±0.25
0.4±0.1
1 2 3
1.27±0.2
6 5 4
11.7±0.3
0.75±0.25
7.62±0.25
11-5J101
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP701F
Industrial Inverters
Inverter for Air Conditioners
IGBT/Power MOSFET Gate Drive
TLP701F consists of a GaAℓAs light-emitting diode and an integrated
photodetector.
This unit is 6-lead SDIP package. The TLP701F is 50% smaller than the
8-pin DIP and meets the reinforced insulation class requirements of
international safety standards. Therefore the mounting area can be reduced in
equipment requiring safety standard certification.
The TLP701F is suitable for gate driving circuits for IGBTs or power
MOSFETs. In particular, the TLP701F is capable of “direct” gate driving of
low-power IGBTs.
Absolute Maximum ratings and electrical characteristics are the same as
The TLP701 technical data sheets.
• Peak output current
: ±0.6 A (max)
• Guaranteed performance over temperature : −40 to 100°C
• Supply current
: 2 mA (max)
• Power supply voltage
: 10 to 30 V
• Threshold input current
: IFLH = 5 mA (max)
• Switching time (tpLH / tpHL)
: 700 ns (max)
• Common mode transient immunity
: ±10 kV/μs (min)
• Isolation voltage
: 5000 Vrms (min)
• Construction mechanical rating
Creepage Distance
Clearance
Insulation Thickness
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
•
UL Recognized
: UL1577, File No. E67349
•
Option (D4)
TÜV approved
: EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage
: 1140 Vpk
Highest permissible over voltage
: 8000 Vpk
( Note ) When an EN60747-5-2 approved type is needed,
please designate the “Option(D4)”
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
1: ANODE
2: NC
3: CATHODE
4: GND
5: VO (OUTPUT)
6: VCC
1
3
4
5
6
2
SHIELD
Pin Configuration (Top View)
A 0.1-
μF bypass capacitor must be connected
between pins 6 and 4. (See Note 6.)
1
+
3
−
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
6
5
4
SHIELD
Schematic


Similar Part No. - TLP701F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
17-Jan-2006
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
More results

Similar Description - TLP701F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
01-Jun-2001
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
01-Jun-2001
logo
Sharp Corporation
GP2Y1001AU SHARP-GP2Y1001AU Datasheet
48Kb / 4P
COMPACT DUST SENSOR FOR AIR CONDITIONERS
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
27-Oct-2003
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
17-Jan-2006
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
Inverter For Air Conditioner
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
logo
Sharp Corporation
GP2Y1010AU SHARP-GP2Y1010AU Datasheet
41Kb / 4P
Compact Dust Sensor for Air Conditioners
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com