Electronic Components Datasheet Search
  English  ▼

X  

0802741 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802741
Description  BLUEMARK MAG EM-M (85,6X54) - Magazine
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802741 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802741 Datasheet HTML 1Page - PHOENIX CONTACT 0802741 Datasheet HTML 2Page - PHOENIX CONTACT 0802741 Datasheet HTML 3Page - PHOENIX CONTACT 0802741 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Magazine, length: 0.12 m, width: 76 mm, height: 120 mm, color: white
Your advantages
In conjunction with the BLUEMARK CLED printer, the magazine for accommodating EMP-AL... ensures printing with a high degree of positioning
accuracy.
•
Commercial data
Item number
0802741
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BG121Z
Catalog page
Page 295 (C-3-2019)
GTIN
4046356845809
Weight per piece (including packing)
55.6 g
Weight per piece (excluding packing)
44.67 g
Customs tariff number
90179000
Country of origin
DE
BLUEMARK MAG EM-M (85,6X54) - Magazine
0802741
https://www.phoenixcontact.com/us/products/0802741
Apr 22, 2025, 12:29AM
Page 1 (4)


Similar Part No. - 0802741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802740 PHOENIX-0802740 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG EM-M (60X30)
09/11/2020
0802742 PHOENIX-0802742 Datasheet
173Kb / 4P
BLUEMARK MAG EM-M (100X60) - Magazine
0802743 PHOENIX-0802743 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG WM-M (29X8)
09/11/2020
0802744 PHOENIX-0802744 Datasheet
173Kb / 4P
BLUEMARK MAG WM-M (40X15) - Magazine
0802746 PHOENIX-0802746 Datasheet
173Kb / 4P
BLUEMARK MAG WM-M (60X15) - Magazine
More results

Similar Description - 0802741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803335 PHOENIX-0803335 Datasheet
42Kb / 1P
Magazine - BLUEMARK MAG UM-TM
1200103 PHOENIX-1200103 Datasheet
40Kb / 1P
Magazine - CRIMPFOX 4 IN 1/MAG
5146082 PHOENIX-5146082 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 2
5146095 PHOENIX-5146095 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 3
5146105 PHOENIX-5146105 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 4
5146118 PHOENIX-5146118 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 5
5146121 PHOENIX-5146121 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 6
0802740 PHOENIX-0802740 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG EM-M (60X30)
09/11/2020
0802743 PHOENIX-0802743 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG WM-M (29X8)
09/11/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com