Electronic Components Datasheet Search
  English  ▼

X  

0802990 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802990
Description  TM-RIBBON 110-WMTB HF WH - Ink ribbon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802990 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802990 Datasheet HTML 1Page - PHOENIX CONTACT 0802990 Datasheet HTML 2Page - PHOENIX CONTACT 0802990 Datasheet HTML 3Page - PHOENIX CONTACT 0802990 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ink ribbon, for roll printer for printing product group WMTB HF..., length: 300 m, roll length: 300
m, width: 110 mm, color: white
Commercial data
Item number
0802990
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG02
Product key
BG1223
Catalog page
Page 232 (C-3-2019)
GTIN
4046356891035
Weight per piece (including packing)
593.85 g
Weight per piece (excluding packing)
428.5 g
Customs tariff number
96121010
Country of origin
DE
TM-RIBBON 110-WMTB HF WH - Ink ribbon
0802990
https://www.phoenixcontact.com/us/products/0802990
Apr 22, 2025, 12:36AM
Page 1 (4)


Similar Part No. - 0802990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802991 PHOENIX-0802991 Datasheet
191Kb / 6P
WMTB HF (40X12)R DBU - Cable marker
0802992 PHOENIX-0802992 Datasheet
191Kb / 6P
WMTB HF (55X15)R DBU - Cable marker
0802993 PHOENIX-0802993 Datasheet
190Kb / 6P
WMTB HF (55X25)R DBU - Cable marker
0802995 PHOENIX-0802995 Datasheet
190Kb / 6P
WMTB HF (40X12)R DBU CUS - Cable marker
0802996 PHOENIX-0802996 Datasheet
190Kb / 6P
WMTB HF (55X15)R DBU CUS - Cable marker
More results

Similar Description - 0802990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803211 PHOENIX-0803211 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-EX
1014402 PHOENIX-1014402 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC/TR WH
1014403 PHOENIX-1014403 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD
1014404 PHOENIX-1014404 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/YE
1014405 PHOENIX-1014405 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/BU/YE
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
0801361 PHOENIX-0801361 Datasheet
49Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSU WH
09/11/2020
0801384 PHOENIX-0801384 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50-TC
09/11/2020
5145397 PHOENIX-5145397 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMS
09/12/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com