Electronic Components Datasheet Search
  English  ▼

X  

0804502 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804502
Description  THERMOMARK ROLLMASTER-CUTTER - Cutter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804502 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804502 Datasheet HTML 1Page - PHOENIX CONTACT 0804502 Datasheet HTML 2Page - PHOENIX CONTACT 0804502 Datasheet HTML 3Page - PHOENIX CONTACT 0804502 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cutter, for the THERMOMARK ROLLMASTER 300/600, cutter width: 120 mm, suitable for: TML,
SK, EML-RM, PMM, WMS, WMS-2 HF, WMS-OT-HF, TMT continuous media, EMT (EX15)R,
and EMLP (Ex ...)R ...
Your advantages
Custom length cuts of continuous markers
•
Commercial data
Item number
0804502
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BG03
Product key
BG122Z
Catalog page
Page 41 (C-3-2019)
GTIN
4055626384801
Weight per piece (including packing)
1,945 g
Weight per piece (excluding packing)
1,800 g
Customs tariff number
82089000
Country of origin
DE
THERMOMARK ROLLMASTER-CUTTER - Cutter
0804502
https://www.phoenixcontact.com/us/products/0804502
Apr 22, 2025, 12:33AM
Page 1 (4)


Similar Part No. - 0804502

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804500 PHOENIX-0804500 Datasheet
54Kb / 2P
In addition, a comprehensive range of pre-assembled engraving materials is also available
0804501 PHOENIX-0804501 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
0804503 PHOENIX-0804503 Datasheet
173Kb / 4P
THERMOMARK ROLLMASTER-CUTTER/P - Cutter
0804508 PHOENIX-0804508 Datasheet
269Kb / 8P
EO-AB/UT/20 - Socket
0804509 PHOENIX-0804509 Datasheet
271Kb / 8P
EO-AB/UT/LED/20 - Socket
More results

Similar Description - 0804502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212793 PHOENIX-1212793 Datasheet
43Kb / 2P
Front cutter - MICROFOX-E_DB
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com