Electronic Components Datasheet Search
  English  ▼

X  

TLP651 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP651
Description  Microprocessor System Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP651 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP651 Datasheet HTML 1Page - Toshiba Semiconductor TLP651 Datasheet HTML 2Page - Toshiba Semiconductor TLP651 Datasheet HTML 3Page - Toshiba Semiconductor TLP651 Datasheet HTML 4Page - Toshiba Semiconductor TLP651 Datasheet HTML 5Page - Toshiba Semiconductor TLP651 Datasheet HTML 6Page - Toshiba Semiconductor TLP651 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP651
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs IRed & Photo−IC
TLP651
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Analog Signal Isolation
The TOSHIBA TLP651 consists of a GaAℓAs high−output light emitting
diode and a high speed detector of one chip photo diode−transistor.
This unit is 8−lead DIP.
TLP651 has internal base connection. This base pin should be used for
analog application or enable operation. If base pin is open, output signal
will be noisy by environmental condition. For this case, TLP650 is
suitable.
• Isolation voltage: 5000Vrms (min.)
• Switching speed: tpHL = 0.3μs (typ.)
tpLH = 0.5μs (typ.) (RL = 1.9kΩ)
• TTL compatible
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002
Certificate no. 7613
BS EN60950-1: 2002
Certificate no. 7614
Pin Configuration (top view)
Schematic
TOSHIBA
11−10C4
Weight: 0.54g
Unit in mm


Similar Part No. - TLP651

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
More results

Similar Description - TLP651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
Microprocessor Power Supply System
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
System ACE Microprocessor Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com