Electronic Components Datasheet Search
  English  ▼

X  

TLP631 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP631
Description  Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP631 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP631 Datasheet HTML 1Page - Toshiba Semiconductor TLP631 Datasheet HTML 2Page - Toshiba Semiconductor TLP631 Datasheet HTML 3Page - Toshiba Semiconductor TLP631 Datasheet HTML 4Page - Toshiba Semiconductor TLP631 Datasheet HTML 5Page - Toshiba Semiconductor TLP631 Datasheet HTML 6Page - Toshiba Semiconductor TLP631 Datasheet HTML 7Page - Toshiba Semiconductor TLP631 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP631,TLP632
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP631,TLP632
Programmable Controllers
AC / DC−Input Module
Solid State Relay
The TOSHIBA TLP631 and TLP632 consist of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode in a
six lead plastic DIP.
TLP632 is no−base internal connection for high−EMI environments.
• Collector−emitter voltage: 55 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• Isolation voltage: 5000Vrms (min.)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
1
2
3
4
6
1: Anode
2: Cathode
3: N.C.
4: Emitter
5: Collector
6: Base
TLP631
5
1
2
3
4
6
1: Anode
2: Cathode
3: N.C.
4: Emitter
5: Collector
6: N.C
TLP632
5
TOSHIBA
11
−7A8
Weight: 0.4 g
Unit in mm


Similar Part No. - TLP631

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results

Similar Description - TLP631

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
PROGRAMMABLE CONTROLLERS
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
Programmable Controllers
logo
Omron Electronics LLC
CQM1 OMRON-CQM1 Datasheet
2Mb / 158P
CQM1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com