Electronic Components Datasheet Search
  English  ▼

X  

TLP628 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP628
Description  Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2007-10-01
6
Collector-emitter voltage VCE (V)
IC – VCE
80
0
0
60
40
20
2
4
6
8
10
Ta = 25°C
30
IF = 5 mA
5
PC(MAX.)
20
15
10
IC – VCE
Collector-emitter voltage VCE (V)
50
0
0
25
0.5
1.0
1.5
Ta = 25°C
50
IF = 2 mA
40
30
20
10
5
ID – Ta
Ambient temperature Ta (°C)
10
1
0
10
0
10
-1
10
-2
10
-3
20
40
60
80
100
VCE = 300 V
100 V
200 V
IC – IF
Forward current IF (mA)
100
0.03
0.3
10
5
0.5
0.1
1
100
50
30
3
1
0.3
0.05
3
10
30
Ta = 25°C
VCE = 5 V
VCE = 0.4 V
Sample B
Sample A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com