Electronic Components Datasheet Search
  English  ▼

X  

2SA1680 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1680
Description  Power Amplifier Applications Power Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1680 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1680 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1680 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1680 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1680 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1680
2007-06-07
3
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
Common emitter
IC/IB = 20
Ta = 100°C
−0.01
−0.001 −0.003 −0.01 −0.03
−0.1
−0.3
−1
−3
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
−25
25
Common emitter
VCE = −2 V
Ta = 100°C
0
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
−0.4
−0.8
−1.2
−1.6
−2.0
−25
25
*: Single nonrepetitive pulse Ta = 25°C
Curves must be derated linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
DC operation (Ta = 25°C)
−0.03
−0.1
−0.3
−1
−3
−10
−30
−100
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
100 ms*
10 ms*
1 ms*
VCEO max
Common emitter Ta = 25°C
0
0
IB = −2 mA
−100
−0.4
−0.8
−1.2
−1.6
−2.0
−70
−1
−2
−3
−4
−5
−10
−20
−30
−15
−4
−6
−50
Common emitter
VCE = −2 V
5
−0.001
−25
25
10
30
100
300
500
50
−0.003 −0.01 −0.03
−0.1
−0.3
−1
−3
Ta = 100°C
Common emitter
IC/IB = 20
−0.01
−0.001 −0.003 −0.01 −0.03
−0.1
−0.3
−1
−3
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
Ta = −25°C
25
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com