Electronic Components Datasheet Search
  English  ▼

X  

SSM3K14T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K14T
Description  Silicon N Channel MOS Type DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K14T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K14T Datasheet HTML 1Page - Toshiba Semiconductor SSM3K14T Datasheet HTML 2Page - Toshiba Semiconductor SSM3K14T Datasheet HTML 3Page - Toshiba Semiconductor SSM3K14T Datasheet HTML 4Page - Toshiba Semiconductor SSM3K14T Datasheet HTML 5Page - Toshiba Semiconductor SSM3K14T Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSM3K14T
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0
⎯
⎯
±1
μA
V (BR) DSS
ID = 1 mA, VGS = 0
30
⎯
⎯
Drain-Source breakdown voltage
V (BR) DSX
ID = 1 mA, VGS = −20 V
15
⎯
⎯
V
Drain Cut-off current
IDSS
VDS = 30 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 5 V, ID = 0.1 mA
1.0
⎯
2.5
V
Forward transfer admittance
|Yfs|
VDS = 5 V, ID = 2 A
(Note 3)
3.2
6.4
⎯
S
ID = 2 A, VGS = 10 V
(Note 3)
⎯
31
39
ID = 2 A, VGS = 4.5 V
(Note 3)
⎯
45
57
Drain-Source ON resistance
RDS (ON)
ID = 2 A, VGS = 4.0 V
(Note 3)
⎯
50
67
m
Ω
Total gate charge
Qg
VDD ∼− 24 V, ID = 4 A, VGS = 4 V
⎯
5.0
⎯
nC
Input capacitance
Ciss
VDS = 15 V, VGS = 0, f = 1 MHz
⎯
460
⎯
pF
Reverse transfer capacitance
Crss
VDS = 15 V, VGS = 0, f = 1 MHz
⎯
62
⎯
pF
Output capacitance
Coss
VDS = 15 V, VGS = 0, f = 1 MHz
⎯
106
⎯
pF
Rise time
tr
⎯
15
⎯
Turn-on time
ton
⎯
24
⎯
Fall time
tf
⎯
6
⎯
Switching time
Turn-off time
toff
VDD = 15 V, ID = 2 A
VGS = 0~4 V, RG = 10 Ω
⎯
19
⎯
ns
Note 3: Pulse test
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 μA for
this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires
lower voltage than Vth.
(relationship can be established as follows: VGS (off) < Vth < VGS (on) )
Please take this into consideration for using the device.
(a) Test circuit
4 V
0
ID
IN
OUT
VDD
10
μs
VDD = 15 V
RG = 10 Ω
D.U. <= 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
ton
toff
(b) VIN
(c) VOUT
4 V
0
VDD
VDS (ON)
tr
tf
10%
90%
90%
10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com