Electronic Components Datasheet Search
  English  ▼

X  

2SA1939 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1939
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1939 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1939 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1939 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1939 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1939 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1939
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
Collector-emitter voltage VCE (V)
hFE – IC
Safe Operating Area
Base-emitter voltage VBE (V)
−10
0
0
−8
−4
−2
−2
−4
−6
Common emitter
Tc = 25°C
−50
−40
−30
−20
IB = −10 mA
−100
−8
−10
−200
−150
−250
−6
−300
−10
0
0
−8
−4
−2
−1
−2
−3
Common emitter
VCE = −5 V
25°C
−25°C
Tc = 100°C
−4
−5
−6
Common emitter
IC/IB = 10
−10
−0.01
−0.01
−0.1
−0.1
−1
−10
Tc = 100°C
Tc = 25°C
Tc = −25°C
−1
Common emitter
VCE = −5 V
1000
1
−0.01
10
−0.1
−1
−10
Tc = 100°C
Tc = −25°C
Tc = 25°C
100
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
−0.1
−1
−0.3
−0.5
−1
−3
−5
−10
−20
−10
−30
−100
IC max (continuous)
IC max (pulsed)*
1 ms*
10 ms*
100 ms*
DC operation
Tc = 25°C
−3
−300
VCEO
max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com