Electronic Components Datasheet Search
  English  ▼

X  

2SB905 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SB905
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB905 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SB905 Datasheet HTML 1Page - Toshiba Semiconductor 2SB905 Datasheet HTML 2Page - Toshiba Semiconductor 2SB905 Datasheet HTML 3Page - Toshiba Semiconductor 2SB905 Datasheet HTML 4Page - Toshiba Semiconductor 2SB905 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB905
2006-11-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc = 25°C
0
0
−1.6
IB = −2 mA
−0.4
−0.8
−4
−8
−12
−4
0
−16
−20
−1.2
−7
−10
−15
−20
−30
−60
−100
−200
Collector current IC (mA)
hFE – IC
5
30
50
100
200
−30
−100
−300
−1000
VCE = −2 V
−5
−10
10
Common emitter
Tc = 25°C
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
VCE (sat) – IC
−5
−30
−100
−300
−1000
−10
−0.1
−0.3
−0.5
−1
−3
25
Tc = 100°C
−0.05
Common emitter
IC/IB = 10
0
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = −5 V
0
0
−1.6
−0.4
−0.8
−0.4
−0.8
−1.2
−1.6
−1.2
25
Tc = 100°C
0
−5
−30
−100
−300
−1000
−10
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
Common emitter
Tc = 25°C
5
IC/IB = 10
5
30
50
100
200
−30
−100
−300
−1000
10
Common emitter
VCE = −10 V
−5 V
25
Tc = 100°C
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com