Electronic Components Datasheet Search
  English  ▼

X  

2SB907 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SB907
Description  Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB907 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SB907 Datasheet HTML 1Page - Toshiba Semiconductor 2SB907 Datasheet HTML 2Page - Toshiba Semiconductor 2SB907 Datasheet HTML 3Page - Toshiba Semiconductor 2SB907 Datasheet HTML 4Page - Toshiba Semiconductor 2SB907 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB907
2006-11-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −60 V, IE = 0
―
―
−20
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
―
―
−2.5
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −25 mA, IB = 0
−40
―
―
V
hFE (1)
VCE = −2 V, IC = −1 A
2000
―
―
DC current gain
hFE (2)
VCE = −2 V, IC = −3 A
1000
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = −2 A, IB = −4 mA
―
―
−1.5
V
Base-emitter saturation voltage
VBE (sat)
IC = −2 A, IB = −4 mA
―
―
−2.0
V
Turn-on time
ton
―
0.30
―
Storage time
tstg
―
0.60
―
Switching time
Fall time
tf
−IB1 = IB2 = 6 mA, DUTY CYCLE ≤ 1%
―
0.25
―
μs
Marking
B907
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
VCC = −30 V
20 μs
IN
PUT
IB2
IB1
OUTPUT
IB2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com