Electronic Components Datasheet Search
  English  ▼

X  

TLP591B Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP591B
Description  Telecommunication Programmable Controllers MOS Gate Driver MOS FET Gate Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP591B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP591B Datasheet HTML 1Page - Toshiba Semiconductor TLP591B Datasheet HTML 2Page - Toshiba Semiconductor TLP591B Datasheet HTML 3Page - Toshiba Semiconductor TLP591B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP591B
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo
−Diode Array
TLP591B
Telecommunication
Programmable Controllers
MOS Gate Driver
MOS FET Gate Driver
The TOSHIBA TLP591B consists of an aluminum galium arsenide
infrared emitting diode optically coupled to a series connected
photo−diode array in a six lead plastic DIP package.
TLP591B is suitable for MOS FET gate driver.
TLP591B has an internal shunt resistor to optimize switching speed.
• UL recognized: UL1577, file no. E67349
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta ≥ 25°C)
ΔIF /°C
−0.5
mA /°C
Pulse forward current
(100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
3
V
Junction temperature
Tj
125
°C
Forward current
IFD
50
μA
Reverse voltage
VRD
10
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~85
°C
Lead soldering temperature (10 sec.)
Tsol
260
°C
Isolation voltage
(AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
2500
Vrms
(Note 1) Device considered a two terminal device: Pins 1, 2 and 3
shorted together, and pins 4 and 6 shorted together.
Pin Configuration (top view)
1. : Anode
2. : Cathode
3. : NC
4. : Cathode
6. : Anode
1
2
4
6
3
Unit in mm
TOSHIBA
11−7A9


Similar Part No. - TLP591B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
More results

Similar Description - TLP591B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
Dual-gate MOS-FET
1995 Apr 25
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
N-channel dual-gate MOS-FET
April 1991
logo
Toshiba Semiconductor
TLP3914 TOSHIBA-TLP3914 Datasheet
242Kb / 7P
TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER
TLP3924 TOSHIBA-TLP3924 Datasheet
221Kb / 5P
TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER
TLP590B TOSHIBA-TLP590B_07 Datasheet
174Kb / 5P
Telecommunication Programmable Controllers Mos Gate Driver MOS FET Gate Driver
logo
International Rectifier
IR2110 IRF-IR2110_1 Datasheet
9Mb / 24P
HIGH VOLTAGE MOS GATE DRIVER
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
N-channel dual-gate MOS-FET
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
Dual-gate MOS-FET
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
Dual-gate MOS-FET
1995 Apr 25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com