Electronic Components Datasheet Search
  English  ▼

X  

TLP560J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP560J
Description  GaAs Ired & Photo−Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP560J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP560J Datasheet HTML 1Page - Toshiba Semiconductor TLP560J Datasheet HTML 2Page - Toshiba Semiconductor TLP560J Datasheet HTML 3Page - Toshiba Semiconductor TLP560J Datasheet HTML 4Page - Toshiba Semiconductor TLP560J Datasheet HTML 5Page - Toshiba Semiconductor TLP560J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP560J
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP560J
Triac Driver
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP560J consists of a photo−triac optically coupled to a
gallium arsenide infrared emitting diode in a six lead plastic DIP package.
• Peak off−state voltage: 600V(min.)
• On−state current: 100mA(max.)
• Isolation voltage: 2500Vrms (min.)
• UL recognized: UL1577, file no. E67349
• Isolation operating voltage: 2500Vac or 300Vdc for isolation
Group C*1
• Trigger LED current
*Ex. (IFT7); TLP560J(IFT7)
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP560J(IFT7): TLP560J
*1: According to VDE0110, table 4.
Pin Configuration (top view)
1: Anode
2: Cathode
3: N.C.
4: Terminal 1
6: Terminal 2
1
2
4
6
3
Unit in mm
TOSHIBA
11
−7A9
Weight: 0.39 g
Trigger LED Current (mA)
VT=6V, Ta=25°C
Classi
−
fication*
Min.
Max.
Marking Of
Classification
(IFT7)
―
7
T7
Standard
―
10
T7, blank


Similar Part No. - TLP560J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Similar Description - TLP560J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
GaAs Ired & Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
GaAs Ired & Photo−Triac
TLP561J TOSHIBA-TLP561J_07 Datasheet
514Kb / 6P
GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
GaAs IRed & Photo−Triac
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
GaAs Ired & Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
GaAs Ired & Photo-Triac
TLP261J TOSHIBA-TLP261J Datasheet
169Kb / 6P
GaAs IRED Photo−Triac
TLP166J TOSHIBA-TLP166J Datasheet
136Kb / 4P
Photocoupler GaAs Ired Photo−Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com