Electronic Components Datasheet Search
  English  ▼

X  

TLP557 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP557
Description  Inverter For Air Conditioner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP557 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP557 Datasheet HTML 1Page - Toshiba Semiconductor TLP557 Datasheet HTML 2Page - Toshiba Semiconductor TLP557 Datasheet HTML 3Page - Toshiba Semiconductor TLP557 Datasheet HTML 4Page - Toshiba Semiconductor TLP557 Datasheet HTML 5Page - Toshiba Semiconductor TLP557 Datasheet HTML 6Page - Toshiba Semiconductor TLP557 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP557
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP557
Transistor Inverter
Inverter For Air Conditioner
Power Transistor Base Drive
The TOSHIBA TLP557 consists of a GaAℓAs light emitting diode and an
integrated photodetector.
This unit is 8−lead DIP package.
TLP557 is suitable for base driving circuit of power transistor module up
to 20A.
External resistor needs to connect between pin 6 and pin 7.
This is for constant current driving.
• Input threshold current: IF=5mA(max.)
• Guaranteed performance temperature range: −30~70°C
• Supply voltage: 16V(max.)
• Output current: ±0.3A(max.)
• Switching time (tpLH / tpHL): 5μs(max.)
• Isolation voltage: 2500Vrms(min.)
• UL recognized: UL1577, file No. E67349
Schematic
2
3
6
VCC
VO1
–
+
IO
(Tr2)
5
7
8
ICC
IF
VF
GND
VO2
(Tr1)
(Rex)
Pin Configuration (top view)
4
3
2
1
5
6
7
8
1 : N.C.
2 : Anode
3 : Cathode
4 : N.C.
5 : GND
6 : VO2(Output)
7 : VO1(Rex Terminal)
8 : VCC
Truth Table
Tr1
Tr2
On
On
Off
Input
LED
Off
Off
On
Unit in mm
TOSHIBA
11
−10C4
Weight: 0.54g


Similar Part No. - TLP557

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP557 TOSHIBA-TLP557 Datasheet
304Kb / 6P
TRANSISTOR INVERTOR INVERTER FOR AIR CONDITIONOR POWER TRANSISTOR BASE DRIVE
More results

Similar Description - TLP557

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP759 TOSHIBA-TLP759 Datasheet
159Kb / 6P
Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
Inverter for Air Conditioners
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
Load for air conditioner 1a 20A power relays
logo
List of Unclassifed Man...
AHP-1800 ETC2-AHP-1800 Datasheet
217Kb / 1P
Hazardous Location Air Conditioner
logo
Tripp Lite. All Rights ...
SRCOOLTMVENT TRIPPLITE-SRCOOLTMVENT Datasheet
46Kb / 2P
Emergency Fallback Ventilation System for SRCOOL3KTP Air Conditioner
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com