Electronic Components Datasheet Search
  English  ▼

X  

PP200T120 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PP200T120
Description  POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP200T120 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PP200T120 Datasheet HTML 1Page - Powerex Power Semiconductors PP200T120 Datasheet HTML 2Page - Powerex Power Semiconductors PP200T120 Datasheet HTML 3Page - Powerex Power Semiconductors PP200T120 Datasheet HTML 4Page - Powerex Power Semiconductors PP200T120 Datasheet HTML 5Page - Powerex Power Semiconductors PP200T120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TENTATIVE
PP200T120
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
200A / 1200V
3 phase IGBT Assembly
PP200T120(-)
- 2 -
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
General
Symbol
Units
IGBT Junction Temperature
Tj
-40 to +150
°C
Storage Temperature
Tstg
-40 to +125
°C
Operating Temperature
Top
-25 to +85
°C
Voltage Applied to DC terminals
VCC
800
Volts
Isolation Voltage, AC 1 minute, 60Hz sinusoidal
Viso
2500
Volts
IGBT Inverter
Collector Current (TC = 25°C)
IC
200
Amperes
Peak Collector Current (Tj < 150°C)
ICM
400
Amperes
Emitter Current
IE
200
Amperes
Peak Emitter Current
IEM
400
Amperes
Maximum Collector Dissipation (Tj < 150°C)
Pc
890
Watts
Gate Drive Board
Unregulated +24V Power Supply
30
Volts
Regulated +15V Power Supply
18
Volts
PWM Signal Input Voltage
20
Volts
Fault Output Supply Voltage
30
Volts
Fault Output Current
50
mA
IGBT Inverter Electrical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Units
Collector Cutoff Current
ICES
VCE = VCES, VGE = 0V
-
-
1
mA
IC = 200A, Tj = 25°C
-
1.8
2.4
Volts
Collector – Emitter Saturation Voltage
VCE(sat)
IC = 200A, Tj = 125°C
-
1.9
-
Volts
Emitter – Collector Voltage
VEC
IE = 200A
-
-
3.2
Volts
td(on)
-
-
300
ns
tr
-
-
80
ns
td(off)
-
-
500
ns
Inductive Load Switching Times
tf
-
-
300
ns
Diode Reverse Recovery Time
trr
-
-
200
ns
Diode Reverse Recovery Charge
Qrr
VCC = 600V
IC = 200A
VGE = 15V
RG = 1.6
Ω
-
12.2
-
µC
DC Link Capacitance
4950
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com