Electronic Components Datasheet Search
  English  ▼

X  

TLP531 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP531
Description  Programmable Controllers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP531 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP531 Datasheet HTML 1Page - Toshiba Semiconductor TLP531 Datasheet HTML 2Page - Toshiba Semiconductor TLP531 Datasheet HTML 3Page - Toshiba Semiconductor TLP531 Datasheet HTML 4Page - Toshiba Semiconductor TLP531 Datasheet HTML 5Page - Toshiba Semiconductor TLP531 Datasheet HTML 6Page - Toshiba Semiconductor TLP531 Datasheet HTML 7Page - Toshiba Semiconductor TLP531 Datasheet HTML 8Page - Toshiba Semiconductor TLP531 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP531,TLP532
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP531,TLP532
Programmable Controllers
AC / DC−Input Module
Solid State Relay
The TOSHIBA TLP531 and TLP532 consist of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode in a six
lead plastic DIP.
TLP532 is no−base internal connection for high−EMI environments.
• Collector−emitter voltage: 55 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• Isolation voltage: 2500 Vrms (min.)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4g


Similar Part No. - TLP531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
More results

Similar Description - TLP531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
PROGRAMMABLE CONTROLLERS
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
Programmable Controllers
logo
Omron Electronics LLC
CQM1 OMRON-CQM1 Datasheet
2Mb / 158P
CQM1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com