Electronic Components Datasheet Search
  English  ▼

X  

TLP421F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP421F
Description  GaAs IRed & Photo−Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP421F Datasheet HTML 1Page - Toshiba Semiconductor TLP421F Datasheet HTML 2Page - Toshiba Semiconductor TLP421F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TLP421F
2007-10-01
2
• Option (D4) type
TUV approved: DIN EN 60747-5-2
Approved no. 40010944
Maximum operating insulation voltage: 1130VPK
Maximum permissible over voltage: 8000VPK
(Note): When an EN 60747-5-2 approved type is needed,
please designate the “ Option (D4) ”
Making VDE application: DIN EN 60747-5-2
• Construction mechanical rating
10.16mm pitch
TLP421F type
Creepage distance
Clearance
Insulation thickness
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com