Electronic Components Datasheet Search
  English  ▼

X  

AA05E Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA05E
Description  36 Vdc to 75 Vdc Inputs, 5 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA05E Datasheet(HTML) 2 Page - Astec America, Inc

  AA05E Datasheet HTML 1Page - Astec America, Inc AA05E Datasheet HTML 2Page - Astec America, Inc AA05E Datasheet HTML 3Page - Astec America, Inc AA05E Datasheet HTML 4Page - Astec America, Inc AA05E Datasheet HTML 5Page - Astec America, Inc AA05E Datasheet HTML 6Page - Astec America, Inc AA05E Datasheet HTML 7Page - Astec America, Inc AA05E Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Reference Notes (TRN)
AA05E Series
36 Vdc to 75 Vdc Inputs, 5 W
_____________________________________________________________
ASTEC POWER - Andover
2 of 8
1.
General Description and Scope
This specification covers the requirements for AA05E-048L-XXXS switching DC-DC converter.
This module operates off a 36 – 75V DC bus and provides both a single and dual isolated output.
Six output options are available in the family as shown below.
Table 1. Device Part Numbers
Model Designation
Part Number
033S
AA05E-048L-033S
050S
AA05E-048L-050S
120S
AA05E-048L-120S
150S
AA05E-048L-150S
120D
AA05E-048L-120D
150D
AA05E-048L-150D
2.
Electrical Specifications
2.1
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
These are absolute stress ratings only. Functional operation of the device in not implied at these
or any other conditions in excess of those given in the operational sections of the TRN. Exposure
to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
All
All
VI
VI, trans
0
0
-
-
-
25
Vdc
Vdc
Operating Case Temperature
All
Tc
-40
-
100
ºC
Storage Temperature
All
Tstg
-55
-
125
ºC
Operating Humidity
All
-
-
-
95
%
I/O Isolation
All
-
-
-
1500
Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com