Electronic Components Datasheet Search
  English  ▼

X  

AD9990 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9990
Description  Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9990 Datasheet(HTML) 1 Page - Analog Devices

  AD9990 Datasheet HTML 1Page - Analog Devices AD9990 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Channel, 14-Bit CCD Signal Processor
with V-Driver and Precision Timing
AD9990
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V AFETG core
Internal LDO regulators
24 programmable vertical clock signals
Correlated double sampler (CDS) with
−3 dB, 0 dB, +3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 32 Hz analog-to-digital converter (ADC)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with ~488 ps resolution
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter and
system support
On-chip driver for external crystal
On-chip sync generator with external sync input
112-ball CSP_BGA package, 8 mm × 8 mm, 0.65 mm pitch
APPLICATIONS
Digital still cameras
GENERAL DESCRIPTION
The AD9990 is a highly integrated CCD signal processor for
digital still camera applications. It includes a complete analog
front end with analog-to-digital conversion and a full-function
programmable timing generator for a 2-channel output CCD.
Each channel is specified up to 32 MHz. The timing generator is
capable of supporting up to 24 vertical clock signals to control
advanced CCDs. A Precision Timing™ core allows adjustment of
high speed clocks with approximately 488 ps resolution at 32 MHz
operation. The AD9990 also contains eight general-purpose
outputs that can be used for shutter and system functions.
Each analog front end includes black level clamping, a CDS, a
VGA, and a 14-bit ADC. The timing generator provides all the
necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias control.
The AD9990 is specified over an operating temperature range
of −25°C to +85°C.
For more information about the AD9990, contact Analog Devices
via email at afe.ccd@analog.com.
FUNCTIONAL BLOCK DIAGRAM
CDS
VGA
CLAMP
14-BIT
ADC
SL
SCK
SDATA
CLI
VREF_B
6dB TO 42dB
HORIZONTAL
DRIVERS
VERTICAL
TIMING
CONTROL
RG_A, RG_B
H1A TO H4A, H1B TO H4B
24
REFT_B REFB_B
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
HD
VD SYNC
INTERNAL
REGISTERS
CCDIN_A
–3dB, 0dB, +3dB, +6dB
14
HL_A, HL_B
CLO
GPO1 TO GPO8
XV1 TO XV24
1.8V OUTPUT
3V INPUT
8
8
LDO
REG_B
1.8V OUTPUT
3V INPUT
LDO
REG_A
SUBCK
RSTB
CDS
VGA
CLAMP
14-BIT
ADC
6dB TO 42dB
CCDIN_B
–3dB, 0dB, +3dB, +6dB
14
VREF_A
REFT_A
REFB_A
2
2
DATA
OUTPUT
MUX
DOUT
14
AD9990
Figure 1.


Similar Part No. - AD9990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
More results

Similar Description - AD9990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
AD9973 AD-AD9973 Datasheet
68Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9928 AD-AD9928 Datasheet
74Kb / 2P
Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com