Electronic Components Datasheet Search
  English  ▼

X  

AEH80 Datasheet(PDF) 5 Page - Astec America, Inc

Part # AEH80
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH80 Datasheet(HTML) 5 Page - Astec America, Inc

  AEH80 Datasheet HTML 1Page - Astec America, Inc AEH80 Datasheet HTML 2Page - Astec America, Inc AEH80 Datasheet HTML 3Page - Astec America, Inc AEH80 Datasheet HTML 4Page - Astec America, Inc AEH80 Datasheet HTML 5Page - Astec America, Inc AEH80 Datasheet HTML 6Page - Astec America, Inc AEH80 Datasheet HTML 7Page - Astec America, Inc AEH80 Datasheet HTML 8Page - Astec America, Inc AEH80 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 5 OF 17
OCTOBER 9, 2003 - REVISION B
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Turn-On Response Time
IO = IO,MAX, VO within 1%
All
-
-
4
10
ms
Switching Frequency
All
-
360
400
440
KHz
Dynamic Response:
∆I
O/∆t=0.1A / uS
CO = 0uF
Load Change from IO = 50% to 75% of
IO, Max:
Peak Deviation Settling Time to VO, SET
tolerance
Load Change from IO = 50% to 25% of
IO, Max:
Peak Deviation Settling Time to VO, SET
tolerance
All
All
-
-
-
-
-
-
-
-
-
-
0.1
-
-
-
-
-
200
500
200
500
A/
µs
mV
µs
mV
µs
Output Overshoot
at T-on / T-off
Passive Resistive Full Load
All
-
-
0
4
%Vo
Output Enable ON/OFF
Negative Enable ("N" suffix)
Enable Pin voltage for Module ON
Module OFF
N suffix
-
-
-0.7
2.95
-
-
1.2
10.0
V
V
Positive Enable (No suffix)
Enable Pin voltage for Module ON
Module OFF
No suffix
-
-
2.95
-0.7
-
-
10.0
1.2
V
Output Voltage Remote Sensing
8,10
All
-
-
-
10
%VO
Output Voltage Trim Range
9,10
All
90
110
%VO
Note:
3. See Figure 2 for Ripple and Noise test measurement setup. Output ripple may exceed max limits at high
line condition.
4. Appropriate Thermal Derating applies. See Figures 17 to 22 for the Thermal Derating Curves
5. In an event of an over current condition - the converter will be latched off. Restart is possible either by
cycling the input voltage or toggling the Enable signal for 100ms. Consult factory for Auto restart
option.
6. The OVP mode is latching. The converter will be latched off once the sensed voltage across the output
pins exceeds the threshold limits. Restart is possible by either cycling the input voltage or toggling the
Enable signal for 100ms. For testing purposes, output current should be derated so as not to exceed
maximum output power.
7. Output of the module will be terminated once the operating temp reaches the OTP range. Normal
operation resumes once the temperature falls below the OTP range.
8. The sense pins can be used to compensate for any voltage drops (per indicated max limits) that may occur
along the connection between the output pins to the load. Pin 9 (+Sense) and Pin 7 (-Sense) should be
connected to Pin 10/11 (+Vout) and Pin 5/6 (Return) respectively at the point where regulation is desired.
9. Refer to Equation (1) and (2) and Figures 3 and 4 for the Output Trim Adjust configuration.
10. The combination of remote sense and Trim adjust cannot exceed 110% of VO, NOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com