Electronic Components Datasheet Search
  English  ▼

X  

GS4915 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS4915
Description  ClockCleaner?
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4915 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS4915 Datasheet HTML 17Page - Gennum Corporation GS4915 Datasheet HTML 18Page - Gennum Corporation GS4915 Datasheet HTML 19Page - Gennum Corporation GS4915 Datasheet HTML 20Page - Gennum Corporation GS4915 Datasheet HTML 21Page - Gennum Corporation GS4915 Datasheet HTML 22Page - Gennum Corporation GS4915 Datasheet HTML 23Page - Gennum Corporation GS4915 Datasheet HTML 24Page - Gennum Corporation GS4915 Datasheet HTML 25Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
GS4915 Data Sheet
39145 - 3
November 2007
21 of 26
3.7 Clock Outputs
The GS4915 presents both differential and single-ended clock outputs. When the
LOCK output signal is HIGH, these clock outputs will be low-jitter and locked to the
selected input clock.
NOTE: If in Manual Bypass mode, the LOCK pin may be HIGH although the output
clock will always be a copy of the input clock, and NOT the cleaned clock.
The frequency of the differential and single-ended clock outputs will be identical
and will be determined as described in Section 3.5.
3.7.1 Differential Clock Output
A CML-based driver is used to provide the differential clock output at the CLKOUT
and CLKOUT pins. Although this driver will output a signal amplitude that is
compatible to the TIA/EIA-644 LVDS standard, it has an incompatible common
mode level. Therefore, AC-coupling and external biasing resistors are required if
interfacing the differential clock outputs from the GS4915 to a true LVDS receiver.
The common mode is, however, compatible with the LVDS inputs on most FPGAs
and can be DC coupled.
This is the lowest-jitter output of the GS4915.
The differential clock output driver uses a separate power supply of +1.8V DC
supplied via the DIFF_OUT_VDD pin.
3.7.2 Single-Ended Clock Output
The single-ended output clock is present at the CLKOUT_SE pin. The signal will
operate at either 1.8V or 3.3V CMOS levels, as determined by the voltage applied
to the D_VDD pin.
The single-ended clock output pre-drive uses a separate power supply of +1.8V
DC supplied via the SE_VDD pin.
3.8 Device Reset
3.8.1 Hardware Reset
In order to reset the GS4915 to their defaults conditions, the RESET pin must be
held LOW for a minimum of treset = 0.5ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com