Electronic Components Datasheet Search
  English  ▼

X  

HCF4067M013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4067M013TR
Description  ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4067M013TR Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4067M013TR Datasheet HTML 1Page - STMicroelectronics HCF4067M013TR Datasheet HTML 2Page - STMicroelectronics HCF4067M013TR Datasheet HTML 3Page - STMicroelectronics HCF4067M013TR Datasheet HTML 4Page - STMicroelectronics HCF4067M013TR Datasheet HTML 5Page - STMicroelectronics HCF4067M013TR Datasheet HTML 6Page - STMicroelectronics HCF4067M013TR Datasheet HTML 7Page - STMicroelectronics HCF4067M013TR Datasheet HTML 8Page - STMicroelectronics HCF4067M013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2002
s
LOW ON RESISTANCE : 125
Ω (Typ.) OVER
15V p-p SIGNAL INPUT RANGE FOR
VDD - VSS = 15V
s
HIGH OFF RESISTANCE : CHANNEL
LEAKAGE OF 10pA (Typ.) at
VDD - VSS = 10V
s
MATCHED SWITCH CHARACTERISTICS :
∆R
ON = 5Ω (Typ.) FOR VDD - VSS =15V
s
VERY LOW QUIESCENT POWER
DISSIPATION UNDER A DIGITAL CONTROL
INPUT AND SUPPLY CONDITIONS : 0.2
µW
(Typ.) at VDD - VSS = 10V
s
BINARY ADDRESS DECODING ON CHIP
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4067B
is
monolithic
integrated
circuits
fabricated
in
Metal
Oxide
Semiconductor
technology available in SOP package.
HCF4067B,
analog
multiplexer/demultiplexer
CMOS, is a digitally controlled analog switches
device having low ON impedance, low OFF
leakage current and internal address decoding. In
addition, the ON resistance is relatively constant
over the full input-signal range.
HCF4067B ia a 16-channel multiplexer with four
binary control inputs A, B, C, D, and an inhibit
input, arranged so that any combination of the
inputs selects one switch.
HCF4067B
ANALOG SINGLE 16 CHANNEL
MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
SOP
HCF4067BM1
HCF4067M013TR
SOP


Similar Part No. - HCF4067M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4067B STMICROELECTRONICS-HCF4067B Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BC1 STMICROELECTRONICS-HCF4067BC1 Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BEY STMICROELECTRONICS-HCF4067BEY Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BF STMICROELECTRONICS-HCF4067BF Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BM1 STMICROELECTRONICS-HCF4067BM1 Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
More results

Similar Description - HCF4067M013TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com