Electronic Components Datasheet Search
  English  ▼

X  

AEQ15AF48 Datasheet(PDF) 13 Page - Astec America, Inc

Part # AEQ15AF48
Description  Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48 Datasheet(HTML) 13 Page - Astec America, Inc

Back Button AEQ15AF48 Datasheet HTML 7Page - Astec America, Inc AEQ15AF48 Datasheet HTML 8Page - Astec America, Inc AEQ15AF48 Datasheet HTML 9Page - Astec America, Inc AEQ15AF48 Datasheet HTML 10Page - Astec America, Inc AEQ15AF48 Datasheet HTML 11Page - Astec America, Inc AEQ15AF48 Datasheet HTML 12Page - Astec America, Inc AEQ15AF48 Datasheet HTML 13Page - Astec America, Inc AEQ15AF48 Datasheet HTML 14Page - Astec America, Inc AEQ15AF48 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 13 OF 15
JUNE 16, 2003 - REVISION 01
Performance Curves (continued)
OUTPUT RIPPLE
Figure 14. Output ripple at VIN = 48V, 5V (CH2) at 1A
load, 3.3V (CH1) at 1A load.
Figure 15. Output Ripple at VIN = 48V, 5V (CH2) at 1A
load, 3.3V (CH1) at 15A load.
Figure 16. Output Ripple at VIN = 48V, 5V (CH2) at 12A
load, 3.3V (CH1) at 1A load.
Figure 17. Output Ripple at VIN = 48V, 5V (CH2) at 6A
load, 3.3V (CH1) at 9A load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com