Electronic Components Datasheet Search
  English  ▼

X  

SSM5P15FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM5P15FU
Description  High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5P15FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM5P15FU Datasheet HTML 1Page - Toshiba Semiconductor SSM5P15FU Datasheet HTML 2Page - Toshiba Semiconductor SSM5P15FU Datasheet HTML 3Page - Toshiba Semiconductor SSM5P15FU Datasheet HTML 4Page - Toshiba Semiconductor SSM5P15FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM5P15FU
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P15FU
High Speed Switching Applications
Analog Switch Applications
•
Small package
•
Low ON resistance : Ron = 12 Ω (max) (@VGS = −4 V)
: Ron = 32 Ω (max) (@VGS = −2.5 V)
Absolute Maximum Ratings (Ta = 25°C)
(Q1, Q2 Common)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
−30
V
Gate-Source voltage
VGSS
±20
V
DC
ID
−100
Drain current
Pulse
IDP
−200
mA
Drain power dissipation (Ta
= 25°C)
PD (Note 1)
200
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Total rating.
Marking
Equivalent Circuit (top view)
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is
protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects
that come into direct contact with devices should be made of anti-static materials.
Unit: mm
1: Gate1
2: Source
3: Gate2
4: Drain2
5: Drain1
JEDEC
―
JEITA
―
TOSHIBA
2-2L1B
Weight: 0.006g(typ.)
D Q
5
4
1
2
3
Q1
54
123
Q2


Similar Part No. - SSM5P15FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5P15FE TOSHIBA-SSM5P15FE Datasheet
186Kb / 5P
High Speed Switching Applications
More results

Similar Description - SSM5P15FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
18-Dec-2001
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com