Electronic Components Datasheet Search
  English  ▼

X  

TLP360JF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP360JF
Description  GaAs Ired & Photo-Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP360JF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP360JF Datasheet HTML 1Page - Toshiba Semiconductor TLP360JF Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP360JF
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP360JF
Triac Drivers
Programmable Controllers
AC-Output Modules
Solid State Relays
The TOSHIBA TLP360JF consists of a photo-triac optically coupled to
a gallium-arsenide infrared-emitting diode in a four-lead plastic DIP
package.
Absolute maximum ratings and electrical characteristics are the same
as those given in the TLP360J technical data sheets.
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 100 mA (max)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577, file No. E67349
• Option (D4) type
TÜV approved: DIN EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage : 1140 Vpk
Maximum permissible overvoltage
: 8000 Vpk
(Note) When an EN60747-5-2 approved type is needed, please designate “Option (D4).”
•Construction mechanical rating
10.16 mm pitch
Creepage distance
Clearance
Insulation thickness
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
•Trigger LED current
*Example: “(IFT7)”; “TLP360JF(IFT7)”
(Note) When specifying the application type name for certification testing, be sure to use the standard product
type name, e.g., TLP360JF(IFT7): TLP360JF
TOSHIBA
11-5B202
Weight: 0.26 g
Trigger LED current (mA)
VT = 6 V, Ta = 25°C
Classi
−
fication*
Min.
Max.
Marking of
classification
(IFT7)
―
7
T7
Standard
―
10
T7, blank
Unit in mm
Pin Configuration (top view)
1: ANODE
2: CATHODE
3: TERMINAL1
4: TERMINAL2
1
2
3
4


Similar Part No. - TLP360JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP360JF TOSHIBA-TLP360JF Datasheet
296Kb / 6P
Triac Drivers Programmable Controllers AC-Output Modules Solid State Relays
2019-06-24
TLP360JF TOSHIBA-TLP360JF_V01 Datasheet
296Kb / 6P
Triac Drivers Programmable Controllers AC-Output Modules Solid State Relays
2019-06-24
More results

Similar Description - TLP360JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
GaAs Ired & Photo−Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
GaAs Ired & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
GaAs IRed & Photo−Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
GaAs Ired & Photo-Triac
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
GaAs Ired & Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
GaAs IRED Photo-Triac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com