Electronic Components Datasheet Search
  English  ▼

X  

TLP360J Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP360J
Description  GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP360J Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP360J Datasheet HTML 1Page - Toshiba Semiconductor TLP360J Datasheet HTML 2Page - Toshiba Semiconductor TLP360J Datasheet HTML 3Page - Toshiba Semiconductor TLP360J Datasheet HTML 4Page - Toshiba Semiconductor TLP360J Datasheet HTML 5Page - Toshiba Semiconductor TLP360J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP360J
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF /°C
−0.7
mA /°C
Peak forward current (100 μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VDRM
600
V
Ta = 25°C
100
On-state RMS current
Ta = 70°C
IT(RMS)
50
mA
On-state current derating (Ta ≥ 25°C)
∆IT/°C
-1.1
mA /°C
Peak on-state current (100 μs pulse, 120 pps)
ITP
2
A
Peak nonrepetitive surge current (Pw = 10 ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pins 1 and 2 are shorted together and pins 3 and 4 are shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
—
—
240
Vac
Forward current
IF
15
20
25
mA
Peak on-state current
ITP
—
—
1
A
Operating temperature
Topr
−25
—
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com