Electronic Components Datasheet Search
  English  ▼

X  

0803714 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803714
Description  TMP-RIBBON 110 BK 101 - Ink ribbon cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803714 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803714 Datasheet HTML 1Page - PHOENIX CONTACT 0803714 Datasheet HTML 2Page - PHOENIX CONTACT 0803714 Datasheet HTML 3Page - PHOENIX CONTACT 0803714 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ink ribbon cartridge, for THERMOMARK PRIME for printing product groups US(2)-TM(F)..., US-
TM(F)L..., US-WMTB..., US-EML..., US-EML(S)P..., US-EMLP-HA..., US-EM(S)P..., US-EML-
RS..., length: 60 m, roll length: 60 m, width: 110 mm, color: black
Commercial data
Item number
0803714
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG02
Product key
BG1223
Catalog page
Page 36 (C-3-2017)
GTIN
4055626246741
Weight per piece (including packing)
212.9 g
Weight per piece (excluding packing)
212 g
Customs tariff number
96121010
Country of origin
FR
TMP-RIBBON 110 BK 101 - Ink ribbon cartridge
0803714
https://www.phoenixcontact.com/us/products/0803714
Apr 24, 2025, 6:41AM
Page 1 (4)


Similar Part No. - 0803714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803715 PHOENIX-0803715 Datasheet
45Kb / 2P
Marker - GM-SK 17,5
0803717 PHOENIX-0803717 Datasheet
176Kb / 4P
MOBILE BACKPACK - Transport bag
0803719 PHOENIX-0803719 Datasheet
54Kb / 2P
Marker carriers - UBE/D (60X10)
More results

Similar Description - 0803714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803211 PHOENIX-0803211 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-EX
1014402 PHOENIX-1014402 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC/TR WH
1014403 PHOENIX-1014403 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD
1014404 PHOENIX-1014404 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/YE
1014405 PHOENIX-1014405 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/BU/YE
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
0801360 PHOENIX-0801360 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSU
09/11/2020
0801384 PHOENIX-0801384 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50-TC
09/11/2020
5145397 PHOENIX-5145397 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMS
09/12/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com