Electronic Components Datasheet Search
  English  ▼

X  

0805004 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805004
Description  THERMOMARK GO.K BELT CLIP - Fastening clip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805004 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805004 Datasheet HTML 1Page - PHOENIX CONTACT 0805004 Datasheet HTML 2Page - PHOENIX CONTACT 0805004 Datasheet HTML 3Page - PHOENIX CONTACT 0805004 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Clip for fastening the THERMOMARK GO.K / THERMOFOX mobile printer to a belt.
Commercial data
Item number
0805004
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BG122Z
Catalog page
Page 43 (C-3-2019)
GTIN
4055626268583
Weight per piece (including packing)
23.7 g
Weight per piece (excluding packing)
23.7 g
Customs tariff number
39269097
Country of origin
CN
THERMOMARK GO.K BELT CLIP - Fastening clip
0805004
https://www.phoenixcontact.com/us/products/0805004
Apr 24, 2025, 6:42AM
Page 1 (4)


Similar Part No. - 0805004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0805002 PHOENIX-0805002 Datasheet
181Kb / 4P
THERMOFOX/CASE - Case
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
Transport bag - THERMOMARK GO.K BAG
0805008 PHOENIX-0805008 Datasheet
177Kb / 4P
THERMOMARK GO.K MAGNET HOLDER - Mounting unit
0805009 PHOENIX-0805009 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 0805004

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5514 POMONA-5514 Datasheet
21Kb / 1P
SOIC Clip Test Clip Kit
logo
Bud Industries, Inc.
HH-3595-BC BUD-HH-3595-BC Datasheet
39Kb / 1P
BELT CLIP
logo
Tyco Electronics
2-1105300-1 MACOM-2-1105300-1 Datasheet
88Kb / 1P
CLIP
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
CLIP
logo
Ledil, Inc.
CP12938 LEDIL-CP12938 Datasheet
6Mb / 7P
~19째 spot beam. Clip fastening for 0.8 mm thick PCB.
CP12939 LEDIL-CP12939 Datasheet
3Mb / 8P
~19째 real spot beam. Clip fastening for 1.6 mm thick PCB
C14409 LEDIL-C14409 Datasheet
5Mb / 3P
Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD
logo
PHOENIX CONTACT
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
Transport bag - THERMOMARK GO.K BAG
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
3240498 PHOENIX-3240498 Datasheet
56Kb / 2P
Fastening clip - RVT-PA 4
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com