Electronic Components Datasheet Search
  English  ▼

X  

0805008 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805008
Description  THERMOMARK GO.K MAGNET HOLDER - Mounting unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805008 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805008 Datasheet HTML 1Page - PHOENIX CONTACT 0805008 Datasheet HTML 2Page - PHOENIX CONTACT 0805008 Datasheet HTML 3Page - PHOENIX CONTACT 0805008 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Magnetic holder for mounting the THERMOMARK GO.K / THERMOFOX mobile printer on metal
surfaces, such as a control cabinet.
Commercial data
Item number
0805008
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BG122Z
Catalog page
Page 43 (C-3-2019)
GTIN
4055626269122
Weight per piece (including packing)
47.4 g
Weight per piece (excluding packing)
46.8 g
Customs tariff number
85051990
Country of origin
CN
THERMOMARK GO.K MAGNET HOLDER - Mounting
unit
0805008
https://www.phoenixcontact.com/us/products/0805008
Apr 24, 2025, 6:45AM
Page 1 (4)


Similar Part No. - 0805008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0805002 PHOENIX-0805002 Datasheet
181Kb / 4P
THERMOFOX/CASE - Case
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
Transport bag - THERMOMARK GO.K BAG
0805004 PHOENIX-0805004 Datasheet
177Kb / 4P
THERMOMARK GO.K BELT CLIP - Fastening clip
0805009 PHOENIX-0805009 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 0805008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146464 PHOENIX-5146464 Datasheet
6Mb / 76P
THERMOMARK LINE
0830678 PHOENIX-0830678 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??14 mm, lettering field size: 25 x 19 mm
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
Transport bag - THERMOMARK GO.K BAG
logo
Schurter Inc.
NUTFORFUSEHOLDER SCHURTER-NUTFORFUSEHOLDER Datasheet
175Kb / 2P
Mounting accessories for fuse holder
04.10.2021
0098.0043 SCHURTER-0098.0043 Datasheet
175Kb / 2P
Mounting accessories for fuse holder
04.10.2021
logo
PHOENIX CONTACT
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
5146257 PHOENIX-5146257 Datasheet
70Kb / 3P
THERMOMARK S1.1
Feb 10, 2011
5146147 PHOENIX-5146147 Datasheet
77Kb / 3P
THERMOMARK W2
Feb 10, 2011
5146231 PHOENIX-5146231 Datasheet
80Kb / 3P
THERMOMARK X1.2
Feb 10, 2011
logo
Schurter Inc.
NUTFORFUSEHOLDER SCHURTER-NUTFORFUSEHOLDER_V01 Datasheet
175Kb / 2P
Mounting accessories for fuse holder
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com