Electronic Components Datasheet Search
  English  ▼

X  

0815224 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0815224
Description  P-PEN ADAPTER - Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0815224 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0815224 Datasheet HTML 1Page - PHOENIX CONTACT 0815224 Datasheet HTML 2Page - PHOENIX CONTACT 0815224 Datasheet HTML 3Page - PHOENIX CONTACT 0815224 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Aluminum adapter, to fix the P-PEN during plotter marking
Your advantages
Reusable and disposable plotter pens are available
•
Totally integrated product range consisting of plotter pens, ink, and cleaning fluid for the CMS‑P1‑PLOTTER
•
Wipe resistant with a perfect appearance
•
Plotter pens for high-quality product labeling
•
Commercial data
Item number
0815224
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG02
Product key
BG1233
Catalog page
Page 54 (C-3-2019)
GTIN
4046356073578
Weight per piece (including packing)
13.1 g
Weight per piece (excluding packing)
9.2 g
Customs tariff number
90179000
Country of origin
DE
P-PEN ADAPTER - Adapter
0815224
https://www.phoenixcontact.com/us/products/0815224
Apr 24, 2025, 6:38AM
Page 1 (4)


Similar Part No. - 0815224

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0815208 PHOENIX-0815208 Datasheet
189Kb / 5P
GPE 27X18 WH/R - Engraving material
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
0815237 PHOENIX-0815237 Datasheet
175Kb / 4P
ZB 15/RD-100:UNPRINTED - Zack marker strip
0815292 PHOENIX-0815292 Datasheet
49Kb / 2P
Engraving material - GPE 60X30 WH/R
More results

Similar Description - 0815224

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
3032794 PHOENIX-3032794 Datasheet
58Kb / 3P
Test adapter - PAIS-4-P/P GY
09/12/2020
logo
Mini-Circuits
10F-10F+ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M+ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com