Electronic Components Datasheet Search
  English  ▼

X  

AIF-PFC Datasheet(PDF) 2 Page - Astec America, Inc

Part # AIF-PFC
Description  AC-DC Converter Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Datasheet(HTML) 2 Page - Astec America, Inc

  AIF-PFC Datasheet HTML 1Page - Astec America, Inc AIF-PFC Datasheet HTML 2Page - Astec America, Inc AIF-PFC Datasheet HTML 3Page - Astec America, Inc AIF-PFC Datasheet HTML 4Page - Astec America, Inc AIF-PFC Datasheet HTML 5Page - Astec America, Inc AIF-PFC Datasheet HTML 6Page - Astec America, Inc AIF-PFC Datasheet HTML 7Page - Astec America, Inc AIF-PFC Datasheet HTML 8Page - Astec America, Inc AIF-PFC Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 2 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
AIF - PFC SERIES
THIS SPECIFICATION COVERS THE REQUIREMENTS
FOR A New Full Brick 1600W AC/DC Converter
MODEL NAME
Vout,Iout
AIF04ZPFC-01L
AIF04ZPFC-01NL
AIF04ZPFC-02L
AIF04ZPFC-02NL
AIF04ZPFC-01NTL
AIF04ZPFC-01NNTL
AIF04ZPFC-02NTL
AIF04ZPFC-02NNTL
380V, 4.2A
380V, 4.2A
380V, 4.2A
380V, 4.2A
380V, 4.2A
380V, 4.2A
380V, 4.2A
380V, 4.2A
* 1600W max
Suffix
Option
NL
Negative Logic Enable
L
Positive Logic Enable
NTL
Non-thread hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com