Electronic Components Datasheet Search
  English  ▼

X  

0824935 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824935
Description  ZB 10/GN CUS - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824935 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824935 Datasheet HTML 1Page - PHOENIX CONTACT 0824935 Datasheet HTML 2Page - PHOENIX CONTACT 0824935 Datasheet HTML 3Page - PHOENIX CONTACT 0824935 Datasheet HTML 4Page - PHOENIX CONTACT 0824935 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack marker strip, can be ordered: Strip, green, labeled according to customer specifications,
mounting type: snap into tall marker groove, for terminal block width: 10.2 mm, Number of
individual labels: 10
Commercial data
Item number
0824935
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8112
GTIN
4046356358880
Weight per piece (including packing)
2.43 g
Weight per piece (excluding packing)
2.101 g
Country of origin
PL
ZB 10/GN CUS - Zack marker strip
0824935
https://www.phoenixcontact.com/us/products/0824935
Apr 24, 2025, 6:53AM
Page 1 (5)


Similar Part No. - 0824935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824930 PHOENIX-0824930 Datasheet
180Kb / 5P
WMT 5,5 (15X8)R CUS - Cable marker
0824931 PHOENIX-0824931 Datasheet
181Kb / 5P
WMT 8,4 (17X10)R CUS - Cable marker
0824932 PHOENIX-0824932 Datasheet
188Kb / 6P
WMTB (24X8)R CUS - Cable marker
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824936 PHOENIX-0824936 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/OG CUS
More results

Similar Description - 0824935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824936 PHOENIX-0824936 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/OG CUS
0824938 PHOENIX-0824938 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/RD CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0825000 PHOENIX-0825000 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/GN CUS
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com