Electronic Components Datasheet Search
  English  ▼

X  

RF300 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # RF300
Description  Radios, RF Modem, Base Station Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

RF300 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  RF300 Datasheet HTML 1Page - Campbell Scientific United Kingdom RF300 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
RF300-RF304 Radios
Power output:
5 W at 13.3 V nominal
Frequency control:
Synthesized
Channel spacing:
15/30 kHz (VHF), 12.5/25 kHz (UHF)
Operation voltage:
13.3 Vdc nominal (10 to 16 Vdc operational)
Operating temperature: -30° to +60°C
Humidity:
95% maximum RH at 40°C, non-condensing
Dimensions:
4.6" x 3.3" x 2.2" (11.7 cm x 8.4 cm x 5.6 cm)
Current drain:
50 mA quiescent, ~ 1.5 A while transmitting
RF95A Modem
Temperature range:
-25° to +50°C standard, -55° to +85°C extended
Dimensions:
7.8" x 3.3" x 1" (with connectors)
Weight:
0.5 lbs
RF232A Base Station
Temperature range:
-25° to +50°C
Connection:
25-pin RS-232 port for connection to PC
Power:
110 Vac
Weight:
6.3 lbs without the radio
Copyright © 1999, 2001
Campbell Scientific, Inc.
Printed March 2001



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com