Electronic Components Datasheet Search
  English  ▼

X  

RF302 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # RF302
Description  Radios, RF Modem, Base Station Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

RF302 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  RF302 Datasheet HTML 1Page - Campbell Scientific United Kingdom RF302 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Radios, RF Modem, Base Station Package
Models RF300 - RF304, RF95A, RF232A
The RF95A modem, RF232A Base Station, and RF300-RF304 radios are used in Campbell Scientific radiotelemetry
networks. The radios are VHF- and UHF-synthesized data transceivers manufactured by Johnson Data Telemetry
Corporation.
Features:
•
Meets NTIA narrowband and FCC re-farming requirements for transmission
•
Allows programming of the radio to your FCC-assigned frequency using optional software. Contact CSI for details
•
Compatible with our CR510, CR10(X), 21X, CR23X, and CR7 dataloggers
•
Backward compatible with RF stations that use older radio models, e.g., P50, RF100, RF200. (Note: Not compatible
with Maxon Radios, e.g. RF310, RF312, RF313).
Ordering Information
A Federal Communication Commission license is required before ordering radios. When you obtain your FCC license,
the FCC will assign you a frequency. This frequency must be specified at time of order so that the radios can be pro-
gramed to that frequency.
The model number of the radios indicates the frequencies that the radio will support:
•
RF300
VHF Radio, 150 to 174 MHz
•
RF301
VHF Radio, 132 to 150 MHz
•
RF302
UHF Radio, 450 to 470 MHz
•
RF303
UHF Radio, 403 to 419 MHz
•
RF304
UHF Radio, 419 to 435, 435 to 451, 464 to 480, 480 to 496, 496 to 512 MHz
•
13855
Optional push-to-talk switch that
triggers a brief transmission to verify
operation of radio
•
RF95A
RF Modem
•
RF232A
Base Station Package
CAMPBELL
SCIENTIFIC
INC.
MD9
MULTIDROP INTERFACE
MADE IN USA
SERIAL I/O
TRANSCEIVER
CARRIER DETECT
FCC ID: ATH90F0233420050
E.F.JOHNSON CO. U.S.A.
DL 3420
E.F. JOHNSON CANADA INC.
mfg by E.F. JOHNSON USA
DOC T.A. 89178
Serial No3400T144A 17858
PS12 POWER SUPPLY
WITH 12V CHARGING REGULATOR
MADE IN USA
WARNING:
PERMANENT DAMAGE TO RECHARGEABLE
CELLS MAY RESULT IF DISCHARGED
BELOW 10.5 VOLTS
FUNCTION
INT
EXT
CHG
CHG
CHG
+12
+12
PS12 BATTERY
EXTERNAL BATTERY - DO NOT USE WITH
INTERNAL RECHARGEABLE BATTERY
CHARGE VOLTAGE PRESENT
INPUT FROM CHARGER OR SOLAR PANEL
16-26 VDC OR AC RMS: POSITIVE TO
EITHER TERMINAL, NEGATIVE TO OTHER
POWER TO DATALOGGER OR
12V PERIPHERALS
SE
DIFF
G
GH
L
12
1
AG H
L
AG H
L
AG E1
AG E2 G
34
2
56
3
SE
DIFF
G
GH
L
78
4
AG H
L
AG H
L
AG E3
AG G
G
910
5
11
12
6
P1 G
P2
G C8 C7 C6 C5 C4 C3 C2 C1
G 12V 12V
SDM
5V 5V G
G
SW 12V
SW 12V CTRL
Logan, Utah
G12V
G12V
POWER
IN
CR10X WIRING PANEL
MADE IN USA
WIRING
PANEL NO.
EARTH
GROUND
CS I/O
Solar Panel
Yagi (directional)
Antenna
Enclosure
Grounding Rod
CR10X
Datalogger
PS12LA
Power
Supply
RF95A RF Modem
RF300 Radio
A typical RF field station located on a
CM10 tripod-based weather station


Similar Part No. - RF302

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3020 REYCONNS-RF3020 Datasheet
247Kb / 5P
SAW Filter
logo
RF Micro Devices
RF3021 RFMD-RF3021 Datasheet
947Kb / 6P
SPDT, HIGH ISOLATION, SINGLE BIT CONTROL, SWITCH
logo
REYCONNS CHINA LIMITED
RF3021 REYCONNS-RF3021 Datasheet
248Kb / 5P
SAW Filter
logo
RF Micro Devices
RF3021PCK-410 RFMD-RF3021PCK-410 Datasheet
947Kb / 6P
SPDT, HIGH ISOLATION, SINGLE BIT CONTROL, SWITCH
RF3021SR RFMD-RF3021SR Datasheet
947Kb / 6P
SPDT, HIGH ISOLATION, SINGLE BIT CONTROL, SWITCH
More results

Similar Description - RF302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
STM901-30 STMICROELECTRONICS-STM901-30 Datasheet
146Kb / 8P
RF POWER MODULE LINEAR BASE STATION APPLICATIONS
31-Oct-1997
logo
EPCOS
B5109 EPCOS-B5109 Datasheet
92Kb / 8P
SAW filter Base-station RF
B5114 EPCOS-B5114 Datasheet
90Kb / 8P
SAW filter RF Base Station
B5116 EPCOS-B5116 Datasheet
98Kb / 8P
SAW filter RF Base Station
B5118 EPCOS-B5118 Datasheet
81Kb / 8P
SAW filter RF Base Station
B5129 EPCOS-B5129 Datasheet
109Kb / 8P
SAW filter Base-station RF
B5110 EPCOS-B5110 Datasheet
91Kb / 8P
SAW filter Base-station RF
logo
TDK Electronics
B39172B5159U410 TDK-B39172B5159U410 Datasheet
110Kb / 8P
SAW RF filter for base station
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com