Electronic Components Datasheet Search
  English  ▼

X  

ALD25 Datasheet(PDF) 18 Page - Astec America, Inc

Part # ALD25
Description  Single Output 16th Brick: 60Watts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD25 Datasheet(HTML) 18 Page - Astec America, Inc

Back Button ALD25 Datasheet HTML 12Page - Astec America, Inc ALD25 Datasheet HTML 13Page - Astec America, Inc ALD25 Datasheet HTML 14Page - Astec America, Inc ALD25 Datasheet HTML 15Page - Astec America, Inc ALD25 Datasheet HTML 16Page - Astec America, Inc ALD25 Datasheet HTML 17Page - Astec America, Inc ALD25 Datasheet HTML 18Page - Astec America, Inc ALD25 Datasheet HTML 19Page - Astec America, Inc ALD25 Datasheet HTML 20Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 18 OF 20
AUGUST 17, 2005 – REVISION C
Mechanical Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
All
L
1.28 [32.5]
1.30 [33.0]
1.32 [33.5]
in [ mm ]
W
0.88 [22.35]
0.90 [22.9]
0.92 [23.36]
in [ mm ]
H
0.33 [8.38]
0.35 [8.8]
0.37 [9.39]
in [ mm ]
Weight
All
-
14.17 [0.54]
-
g [oz]
PIN ASSIGNMENT
1+VIN
5-SENSE
2ENABLE
6
TRIM
3-VIN
7+SENSE
4-VOUT
8+VOUT
Figure 43A. Mechanical Outline – Through hole termination
Pin 1
Pin 8
PIN SIDEUP
PIN SIDEDOWN
SIDEVIEW
0.60 [15.2]
0.30 [7.6]
0.15 [3.8]
[1.0Ø](6X)
({ -6 OPTION} PIN LENGHT).
0.04Ø
(STD PIN LENGHT).
0.137 [3.5] MIN
0.152 [3.9] MAX
0.189[4.8]MIN.
0.205 [5.2]MAX.
0.19 [4.8]
0.35 [8.8]
0.60 [15.2]
0.45 [11.4]
0.30 [7.6]
0.15 [3.8]
0.15 [3.8]
1.10 [27.9]
0.10 [2.5]
0.10 [2.5]
[1.57Ø] (2x)
0.062 Ø
0.90 [22.9]
1.30 [33.0]
OTP Sense point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com