Electronic Components Datasheet Search
  English  ▼

X  

MDC500-16IO1 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MDC500-16IO1
Description  Thyristor Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MDC500-16IO1 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MDC500-16IO1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MDC500-16IO1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISTM4053
eq MDC500-16IO1
Thyristor Diode Modules
www.iscsemi.com
1
DESCRIPTION
· Isolation voltage 2500 V~
· Low forward voltage drop
· High inrush current
· Low forward voltage drop
APPLICATIONS
· Energy storage
· Lithium and battery
· charge and discharge system
· DC cabinet
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
ITAV
Sin. 180; TC=85(100)℃
540(390)
A
VDRM
Repetitive peak off-state voltage
1600
V
ID
P16/200F; Ta=35℃;B2/B6
665/845
A
IRMS
P16/200F; Ta=35℃; W1/W3
850/3*670
A
ITSM
TVj=25℃; 10ms
17000
A
i²t
TVj=25℃; 8, 3 ...10ms,
145000
A²S
VT
TVj=25℃; IT=1500A
max. 1.5
V
VT(TO)
TVj=130℃
max. 0.925
V
rT
TVj=130℃
max. 0.27
mΩ
IDD;IRD
TVj=130℃; VRD=VRRM; VDD=VDRM
max. 100
mA
tgd
TVj=25℃; IG=1A; dig/dt=A/μs
1
μ
s
tq
TVj=130℃
250
μ
s
VGT
TVj=25℃; d.c.
min. 3
V
IGT
TVj=25℃; d.c.
min. 200
mA
Tj,Tstg
- 40...+ 130
℃


Similar Part No. - MDC500-16IO1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDC5000T1 MOTOROLA-MDC5000T1 Datasheet
215Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
E-Tech Electronics LTD
MDC5001 ETL-MDC5001 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
Motorola, Inc
MDC5001T1 MOTOROLA-MDC5001T1 Datasheet
188Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
E-Tech Electronics LTD
MDC5001T1 ETL-MDC5001T1 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
More results

Similar Description - MDC500-16IO1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com