Electronic Components Datasheet Search
  English  ▼

X  

0824987 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0824987
Description  ZB 6/VT CUS - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824987 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0824987 Datasheet HTML 1Page - PHOENIX CONTACT 0824987 Datasheet HTML 2Page - PHOENIX CONTACT 0824987 Datasheet HTML 3Page - PHOENIX CONTACT 0824987 Datasheet HTML 4Page - PHOENIX CONTACT 0824987 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Pitch
6.2 mm
Type
high
Marking
Number of individual labels
10
Number of individual labels per row
10
Number of marker strips
10
Mounting
Mounting type
snap into tall marker groove
Material specifications
Color
violet (RAL 4005)
Material
PA
Flammability rating according to UL 94
V2
Components
free from silicone and halogen
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Dimensions
Width
6 mm
Pitch
6.2 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
ZB 6/VT CUS - Zack marker strip
0824987
https://www.phoenixcontact.com/us/products/0824987
Apr 24, 2025, 6:52AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com